|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC Micro Commercial Components TM omponents 20736 Marilla Street Chatsworth !"# $ % !"# MMSZ5221 THRU MMSZ5259 500 mW Zener Diodes 2.4 to 39 Volts Features Lead Free Finish/RoHS Compliant("P" Suffix designates RoHS Compliant. See ordering information) Planar Die construction Zener Voltages from 2.4V - 39V and 500mW Power Dissipation Ideally Suited for Automated Assembly Processes Mechanical Data Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1 Approx. Weight: 0.009 grams Mounting Position: Any Storage & Operating Temperature: -55 C to +150 C o o SOD123 A B C E Maximum Ratings @ 25oC Unless Otherwise Specified F Maximum Forward Voltage @ IF=10mA Power Dissipation (No te s A) NOTES: VF P(AV) 0.9 500 V mWatt G D H A. Mounted on 5.0mm2(.013mm thick) land areas. DIM A B C D E F G H DIMENSIONS INCHES MM MIN MAX MIN MAX .141 .154 3.60 3.90 .098 .110 2.50 2.80 .055 .071 1.40 1.80 .037 .053 0.95 1.35 .019 .028 0.50 0.70 --.008 --0.20 .016 --0.40 ----.005 --0.12 SUGGESTED SOLDER PAD LAYOUT .093" MAX NOTE .048" .036" Revision: 13 www.mccsemi.com 1 of 5 2010/04/02 MMSZ5221 thru MMSZ5259 Electrical Characteristics @ 25 C Unless Otherwise Specified NORMAL ZENER VOLTAGE Vz@ Izt TEST CURRENT Izt MAXIMUM ZENER IMPEDANCE Zzt @ Izt Zzk @ Izk=0.25mA o MCC Micro Commercial Components MAXIMUM REVERSE LEAKAGE CURRENT Ir @ Vr MAXIMUM ZENER VOLTAGE TEMP TM MCC PART NUMBER Marking VOLTS mA OHMS OHMS uA VOLTS %/oC MMSZ5221 MMSZ5222 MMSZ5223 MMSZ5225 MMSZ5226 MMSZ5227 MMSZ5228 MMSZ5229 MMSZ5230 MMSZ5231 MMSZ5232 MMSZ5233 MMSZ5234 MMSZ5235 MMSZ5236 MMSZ5237 MMSZ5239 MMSZ5240 MMSZ5241 MMSZ5242 MMSZ5243 MMSZ5244 MMSZ5245 MMSZ5246 MMSZ5248 MMSZ5250 MMSZ5251 MMSZ5252 MMSZ5254 MMSZ5255 MMSZ5256 MMSZ5257 MMSZ5258 MMSZ5259 NOTE: C1 C2 C3 C5 G1/ D1 G2/ D2 G3/D3 G4/D4 G5/D5 E1 E2 E3 E4 E5 F1 F2 F4 F5 H1 H2 H3 H4 H5 J1 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4 2.4 2.5 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 18 20 22 24 27 28 30 33 36 39 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.0 6.2 5.6 5.2 4.6 4.5 4.2 3.8 3.4 3.2 30 30 30 29 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 10 17 22 30 13 15 16 17 21 25 29 33 41 44 49 58 70 80 1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 100 100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 7.0 8.0 8.4 9.1 9.9 10.5 11 12 14 15 17 18 21 21 23 25 27 30 -0.085 -0.085 -0.080 -0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.040 +0.045 +0.050 +0.058 +0.062 +0.068 +0.075 +0.076 +0.077 +0.079 +0.081 +0.082 +0.083 +0.085 +0.086 +0.087 +0.088 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 1. Standard Zener voltage tolerance is 5% with a "B" suffix (e.g.: MMSZ5225B),suffix ''C'' is 2 % tolerance . 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3. Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, from the diode body. 4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5. Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5. Revision: 13 www.mccsemi.com 2 of 5 2010/04/02 MMSZ5221 thru MMSZ5259 MCC Micro Commercial Components 100 TM 8 7 TEMPERATURE COEFFICIENT,mV / oC) 6 5 4 3 2 1 TEMPERATURE COEFFICIENT,mV / oC) 3 4 5 6 7 8 9 10 11 12 10 0 -1 -2 -3 2 1 10 100 NOMINAL ZENER VOLTAGE, Volts NOMINAL ZENER VOLTAGE, Volts TYPICAL REVERSE CURRENT STEADY STATE POWER DERATING 1000 DYNAMIC IMPEDANCE, W 1000 FORWARD CURRENT, mA IZ = 1 mA TJ=25 C IZ(AC)=0.1IZ(DC) F=1 kHZ O 100 5 mA 100 20 mA 10 10 150 C O O 75 C 25 C O 5C O 1 1 10 NORMAL ZENER VOLTAGE, Volts 100 1 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE, Volts EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE TYPICAL FORWARD VOLTAGE 1000 1.2 1.0 0.8 0.6 POWER DISSIPATION, Watts CAPACITANCE, pF 0 V BIAS 1 V BIAS 100 TA=25oC PD V.S. TA BIAS AT 50% OF VZ NOM 10 0.4 0.2 1 0 1 10 100 25 50 75 100 o 125 150 155 TEMPERATURE ( C) NOMINAL ZENER VOLTAGE, Volts STEADY STATE POWER DERATING TYPICAL CAPACITANCE Revision: 13 www.mccsemi.com 3 of 5 2010/04/02 MMSZ5221 thru MMSZ5259 MC C Micro Commercial Components 100 TA=25 C ZENER CURRENT, mA o TM 100 TA=25 C ZENER CURRENT, mA o 10 10 1 1 0.1 0.1 0.01 0 2 4 6 8 10 12 0.01 10 30 50 70 90 ZENER VOLTAGE, Volts ZENER VOLTAGE, Volts ZENER VOLTAGE V.S. ZENER CURRENT ZENER VOLTAGE V.S. ZENER CURRENT 1000 LEAKAGE CURRENT (mA) 100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70 +150OC +25 C O -55 C 80 90 O NOMINAL ZENER VOLTAGE, Vlots TYPICAL LEAKGE CURRENT Revision: 13 www.mccsemi.com 4 of 5 2010/04/02 MCC Micro Commercial Components TM Ordering Information Device Packing (Part Number)-TP Tape&Reel;3Kpcs/Reel ***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications. Revision: 13 www.mccsemi.com 5 of 5 2010/04/02 3 |
Price & Availability of MMSZ5226-TP |